Part Number Hot Search : 
S3251 MDP45 07D241K 70ZFP A1SICW D1713 NTE3302 CMHZ4685
Product Description
Full Text Search
 

To Download HDM16216L-S-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 77 features character format ........................................5x7 dots with cursor backlight................................................................................led options..............................................yellow stn, 6 o?clock view normal/extended temperature normal/negative displays physical data module size.........................................53.0w x 20.0h x 8.5t mm viewing area size..........................................36.0w x 10.0h mm weight....................................................................................10g block diagram pin connections pin no. symbol level function 1v ss -0v power supply 2v dd -5v 3v l -- 4rsh/lh: data input l: instruction data input 5r/wh/lh: data read l: data write 6e h,h l enable signal 7d0h/l data bus 8d1h/l 9d2h/l 10 d3 h/l 11 d4 h/l 12 d5 h/l 13 d6 h/l 14 d7 h/l 15 a anode for led back light 16 k cathode for led back light dimensional drawing dimension tolerance: +/-0.3mm 16 character x 2 lines, very small size, led backlight electrical characteristics (vdd=5.00.25v 25c) parameter sym condition min typ max unit input high voltage v ih -2.2v dd v input low voltage v il -v ss -0.6v output high voltage v oh i oh =0.2ma 2.4 - v dd v output low voltage v ol i ol =1.2ma v ss -0.4v power supply current i dd v dd =5.0v, v l =4.4v -1.02.0ma power supply for lcd v dd -v l t a =25c 4.4 v led forward voltage v f i f =20ma 4.2 v brightness l v f =4.2v, i f =20ma 710- nit drive method 1/16 duty absolute maximum ratings parameter symbol min max unit supply voltage v dd -v ss 07.0v supply voltage for lcd v dd -v l 0 13.5 v input voltage v in 0v dd +0.3 v operating temperature t op 050c storage temperature t stg -20 70 c led forward current i f - 40 ma led reverse voltage v r - 8v led power consumption p d - 220 mw hdm16216l-s d0 - d7 e r/w rs v l v dd v ss k a lcd controller hd44780 or equivalent lcd panel led backlight com seg 16 40 driver x2 4 40 resistor supplied by user


▲Up To Search▲   

 
Price & Availability of HDM16216L-S-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X